PART |
Description |
Maker |
SX1510BXXX SX1512BIULTRT SX1511BIULTRT |
World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine World隆炉s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
|
Semtech Corporation
|
MAX17079GTL |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
Maxim Integrated Products
|
MAX17079GTLT MAX17079GTLTCAZ |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
MAXIM - Dallas Semiconductor
|
MAX17079 |
4-Level Or 2-Level Logic To High-Voltage Level Shifter
|
Maxim Integrated Products
|
PB2051.27 CM-105 HR25-7TP-6S HR25-7TP-4P HR25-7TP- |
Worlds Smallest Round Type Multiple Contact Connectors
|
List of Unclassifed Manufac... List of Unclassifed Man...
|
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
ADG3231BRJ ADG3231BRJ-REEL ADG3231BRJ-REEL7 ADG323 |
Analog Devices Single-Channel Level Translator with Bi-directional 1.65 V to 3.6 V Level Shift Low Voltage, Single-Channel Level Translator
|
Analog Devices
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FXLH1T45L6X FXLH1T45 |
Low Voltage 1-Bit Bi-directional Level Translator with Configurable Voltage Supplies and Bushold Data Inputs (Advance Information)
|
Fairchild Semiconductor
|
ADM2209E ADM2209EARU |
Worlds Smallest Dual-Port 6 Tx/10 Rx RS-232 EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
|
AD[Analog Devices]
|
HGT1S14N36G3VL HGT1S14N36G3VLS HGTP14N36G3VL |
14A/ 360V N-Channel/ Logic Level/ Voltage Clamping IGBTs 14A 360V N-Channel Logic Level Voltage Clamping IGBTs 14A, 360V N-CHANNEL, LOGIC LEVEL, VOLTAGE CLAMPING IGBTS 14A, 360V N-Channel,Logic Level, Voltage Clamping IGBTs(14A, 360V N沟道,逻辑电平,电压箝位绝缘栅双极型晶体)
|
INTERSIL[Intersil Corporation]
|